Part Number Hot Search : 
STP5N 3901M SS443EUA TC124E 123MU 02402 120EC BR103
Product Description
Full Text Search
 

To Download 20AB2AC-G2AC-P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  grayhill, inc. ? 561 hillgrove avenue ? lagrange, illinois 60525-5997 ? usa ? phone: 708-354-1040 ? fax: 708-354-2820 ? www.grayhill.com optical and mechanical encoders mechanical encoders series 20 concentric shafts feature s ? compact mechanical encoder with concentric shafts ? output code choices ? panel and shaft seal option ? manufactured to iso 9001 and military standards ? available with a fxed stop or continuous rotation ? custom confgurations available dimensions in inches specific ations electrical ratings switching loads: 150 ma, 115 vac 200 ma, 28 vdc life e xpectancy: 25,000 cycles at rated loads contact resistance: 300 mohms max. (less than 100 mohms initially) insulation resistance: 1000 mohms min. (10,000 mohms initially) dielectric strength: 500 vac min. hardware dimensions: lockwasher: .437inch diameter, .022inch thick hex nut: 5/16-32 unef-2b thread, .437 inch across fats, .094 inch thick materials and finishes t erminal pins: phosphor bronze with tin over nickel plating p anel seal: buna-n rubber, adhesive coated lockwasher: spring steel with zinc plating hex nut: brass with tin/zinc plating m echanical ratings stop strength: 5 in-lbs. rotational t orque: 5 in-oz outer shaft 3.5 in-oz inner shaft mounting t orque: 12 in-lbs. recommended operating t emperature r ange: -40c to +85c storage t emperature r ange: -55c to +100c i mmersion: 15 psi (33ft) for 30 minutes pin dimensions: .018 inch square series 20 : mechanical encoder, concentric shafts seal: s = sealed; a = not sealed output code a ngle of throw (outer shaft) stop arrangement: ac = all positions continuous rotation; af = all positions with fxed stop between frst and last; 02 to 15: number of positions, if less than maximum t ermination: p = pins; 02 to 25 = cable length stop arrangement (see above) a ngle of throw (inner shaft) output code ordering inf ormation (potential combinations) a ngle of throw / max positions: 2 = 22.5 / 16 positions 0 = 30 / 12 positions 6 = 36 / 10 positions 5 = 45 / 8 positions output code: g = gray b = binary q = quadrature 20sg2a cCg2a c-p


▲Up To Search▲   

 
Price & Availability of 20AB2AC-G2AC-P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X